PART |
Description |
Maker |
NTD32N06-1 NTD32N06-1G NTD32N06T4G NTD32N06 NTD32N |
Power MOSFET 32 Amps, 60 Volts 32 Amps, 60 Volts, N−Channel DPAK
|
ONSEMI[ON Semiconductor]
|
NTB45N06G NTB45N06T4G NTP45N06G |
Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 800 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.026 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTMD6N02R2/D NTMD6N02R2-D |
Power MOSFET 6.0 Amps, 20 Volts N-Channel Enhancement Mode Dual SO-8 Package Power MOSFET 6.0 Amps20 Volts
|
ON Semiconductor
|
NTB45N06L NTP45N06LG |
Power MOSFET 45 Amps, 60 Volts, Logic Level; Package: D2PAK 3 LEAD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET Power MOSFET 45 Amps, 60 Volts, Logic Level, N-Channel TO-220; Package: TO-220 3 LEAD STANDARD; No of Pins: 3; Container: Rail; Qty per Container: 50 45 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 45 Amps, 60 Volts Logic Level, N?Channel TO?20 and D2PAK
|
ON Semiconductor
|
NTB75N03L09 NTB75N03L09G NTB75N03L09T4 NTP75N03L09 |
Power MOSFET 75 Amps, 30 Volts N-Channel TO-220 and D2PAK Power MOSFET 75 Amps, 30 Volts N-Channel D2PAK
|
ONSEMI[ON Semiconductor]
|
NTP27N06L-D NTB27N06L NTP27N06L |
Power MOSFET 27Amps, 60 Volts,Logic Level N-Channel TO-220(27A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 27 A, 60 V, 0.048 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB Power MOSFET 27 Amps, 60 Volts, Logic Level N-Channel TO-220 and D2PAK
|
ITT, Corp. ON Semiconductor
|
NTP22N06L NTB22N06L NTP22N06L-D |
Power MOSFET 22 Amps, 60 Volts, Logic Level N-Channel TO-220 and D 2 PAK Power MOSFET 22Amps, 60 Volts,Logic Level N-Channel TO-220(22A, 60 V,逻辑电平,N通道,TO-220封装的功率MOSFET) 22 A, 60 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
ON Semiconductor
|
NTD18N06-1G NTD18N06L-001 NTD18N06G |
Power MOSFET 18 Amps, 60 Volts 18 A, 60 V, 0.06 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 369D-01, DPAK-3
|
ON Semiconductor
|
NTB75N03-06T4G NTB75N03-06G NTB75N03-006 NTB75N03- |
75 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET LEAD FREE, CASE 418AA-01, D2PAK-3 Power MOSFET 75 Amps, 30 Volts
|
ON Semiconductor
|
NTD15N06 NTD15N06T4 NTD15N06-1 NTD15N06-001 |
Power MOSFET 15 Amps, 60 Volts Power MOSFET 15 Amps / 60 Volts
|
ONSEMI[ON Semiconductor]
|
NTQS6463R2 NTQS6463 |
Power MOSFET 6.2 Amps, 20 Volts
|
ONSEMI[ON Semiconductor]
|
|